Part Number Hot Search : 
12AN3 RUEF800 5NK40 AS5040 11015 12232 ENA1198 IL2412S
Product Description
Full Text Search
 

To Download 1N4460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4460 THRU 1N4496 1.5 WATT ZENER DIODE 6.2 VOLTS TO 200 VOLTS 5% TOLERANCE
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR 1N4460 Series silicon zener diode is a high quality voltage regulator for use in automotive, industrial, commercial, entertainment and computer applications. MARKING CODE: FULL PART NUMBER
DO-41 CASE
MAXIMUM RATINGS: (TA=25C ) Power Dissipation Operating and Storage Temperature ELECTRICAL CHARACTERISTICS: (TA=25C) .
ZENER VOLTAGE VZ @ IZT TYPE MIN V 1N4460 1N4461 1N4462 1N4463 1N4464 1N4465 1N4466 1N4467 1N4468 1N4469 1N4470 1N4471 1N4472 1N4473 1N4474 1N4475 1N4476 1N4477 1N4478 1N4479 1N4480 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 40.85 NOM V 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 MAX V 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 45.15 IZT mA 40 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 ZZT @ IZT 4.0 2.5 2.5 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 11 12 14 16 18 20 25 27 30 40 ZZT @ IZK 200 200 400 400 500 500 550 550 550 600 600 650 650 650 700 700 750 800 850 900 950 mA 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 A 20 5.0 1.0 0.5 0.3 0.5 0.3 0.2 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 TEST CURRENT MAXIMUM ZENER IMPEDANCE MAXIMUM REVERSE CURRENT IR @ VR V 3.72 4.08 4.50 4.92 5.46 8.00 8.80 9.60 10.40 12.00 12.80 14.40 16.00 17.60 19.20 21.60 24.00 26.40 28.80 31.20 34.40 ZENER MAXIMUM MAXIMUM VOLTAGE DC SURGE REGULATION CURRENT CURRENT* FACTOR** VZ IZM IS mA 230 210 191 174 157 143 130 119 110 95 90 79 71 65 60 53 48 43 40 37 33 A 5.5 5.0 4.5 3.9 3.4 3.0 2.6 2.4 2.2 1.8 1.6 1.4 1.2 1.1 0.90 0.80 0.75 0.66 0.60 0.54 0.48 V 0.35 0.30 0.35 0.40 0.45 0.50 0.55 0.60 0.65 0.75 0.80 0.83 0.95 1.00 1.10 1.30 1.40 1.50 1.70 1.80 1.90
SYMBOL PD TJ, Tstg
1.5 -65 to +200
UNITS W C
* Ratings shown are for peak 1/2 sinusoidal surge current of 8.3ms duration, non-repetative. ** Zener voltage shall be measured at 10% of the IZM (Maximum DC Current). The current shall then be increased to 50% of the IZM and maintained at this level for a period of 90 seconds, at which time the absolute value of the change in Zener voltage ( VZ @ 10% - VZ @ 50% ) shall not exceed the Zener Voltage Regulation Factor. The device is to be suspended by its leads 3/8" from the body in free air at 25C.
R2 (17-May 2007)
Central
TM
1N4460 THRU 1N4496 1.5 WATT ZENER DIODE 6.2 VOLTS TO 200 VOLTS 5% TOLERANCE
Semiconductor Corp.
ELECTRICAL CHARACTERISTICS: (TA=25C)
ZENER VOLTAGE VZ @ IZT TYPE MIN V 1N4481 1N4482 1N4483 1N4484 1N4485 1N4486 1N4487 1N4488 1N4489 1N4490 1N4491 1N4492 1N4493 1N4494 1N4495 1N4496 44.65 48.45 53.20 58.90 64.60 71.25 77.90 86.45 95.00 104.5 114.0 123.5 142.5 152.0 171.0 190.0 NOM V 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 MAX V 49.35 53.55 58.80 65.10 71.40 78.75 86.10 95.55 105.0 115.5 126.0 136.5 157.5 168.0 189.0 210.0
TEST CURRENT
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE CURRENT IR @ VR A 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 V 37.6 40.8 44.8 49.6 54.4 60.0 65.6 72.8 80.0 88.0 96.0 104 120 128 144 160
IZT mA 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5 2.3 2.0 1.9 1.7 1.6 1.4 1.2
ZZT @ IZT 50 60 70 80 100 130 160 200 250 300 400 500 700 1000 1300 1500
ZZT @ IZK 1000 1100 1300 1500 1700 2000 2500 3000 3100 4000 4500 5000 6000 6500 7000 8000 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
ZENER MAXIMUM MAXIMUM VOLTAGE DC SURGE CURRENT CURRENT* REGULATION FACTOR** VZ IZM IS mA 30 28 26 23 21 19 17 16 14 13 12 11 9.5 8.9 7.9 7.2 A 0.45 0.42 0.39 0.35 0.32 0.29 0.26 0.23 0.20 0.19 0.18 0.16 0.14 0.12 0.10 0.08 V 2.1 2.3 2.5 2.7 3.0 3.3 3.6 4.0 4.4 5.0 5.5 6.0 7.0 8.0 10.0 12.0
DO-41 CASE - MECHANICAL OUTLINE
R2 (17-May 2007)


▲Up To Search▲   

 
Price & Availability of 1N4460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X